PART |
Description |
Maker |
LTC2401 LTC2402 LTC2401CMS LTC2401IMS LTC2402I 240 |
1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10 1-/2-Channel 24位ADC的无延迟uPower采用MSOP - 10 18-Bit Universal Bus Driver With 3-State Outputs 56-TSSOP -40 to 85 1-/2-Channel 24位ADC的无延迟uPower采用MSOP - 10 1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO10 18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 1-/2-Channel 24-Bit mPower ADC From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX113-MAX117 MAX117CAI MAX117CPI MAX117EAI MAX117 |
3V 400ksps 4/8-Channel 8-Bit ADCs with 1UA Power-Down 3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down 3V / 400ksps / 4/8-Channel / 8-Bit ADCs with 1UA Power-Down 3V, 400ksps, 4/8 Channel, 8-Bit ADCs with 1µA Power Down 8-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CDB4360 CS4360-BZ CS4360-KS CS4360-KZ |
24-Bit/ 192 kHz 6 Channel D/A Converter 24-Bit / 192 kHz 6 Channel D/A Converter 24-Bit, 192 kHz 6 Channel D/A Converter SERIAL INPUT LOADING, 24-BIT DAC, PDSO28
|
Cirrus Logic, Inc.
|
AD7778AS AD7776 AD7776AR AD7777AN |
LC2MOS/ High Speed 1-/ 4- & 8-Channel 10-Bit ADCs LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs 4-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDIP28 LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs LC2MOS,高 - -
|
Analog Devices, Inc.
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX126 MAX1248 MAX1248ACEE MAX1248ACPE MAX1248AEEE |
2x4-Channel, Simultaneous-Sampling 14-Bit DAS 2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16 2x4-Channel Simultaneous-Sampling 14-Bit DAS 2.7V to 5.25V Low-Power 4-Channel Serial 10-Bit ADCs in QSOP-16 From old datasheet system
|
MAXIM[Maxim Integrated Products]
|
MAX181CC/D MAX180CC/D MAX180CCQH MAX180-MAX181 MAX |
Complete, 8-Channel, 12-Bit Data-Acquisition Systems 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP40 Complete / 8-Channel / 12-Bit Data-Acquisition Systems
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
AD7416-7418 EVAL-AD7416EB AD7417BR-REEL7 AD7417ARU |
Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I<SUP>2</SUP>C, ±1°C Accuracy Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 10位数字温度传感器(I2C接口芯片AD7416)和四通道ADC(AD7417/AD7418 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
|
Analog Devices, Inc. http://
|
MAX144 MAX144ACPA MAX144ACUA MAX144AEPA MAX144AEUA |
2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin レMAX 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, CDIP8 2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin レMAX 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8 Circular Connector; No. of Contacts:21; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-21 RoHS Compliant: No LJT 37C 37#22M PIN PLUG LJT 21C 21#16 SKT PLUG LJT 37C 37#22D SKT PLUG 2.7V, LOW-POWER, 2-CHANNEL, 108KSPS, SERIAL 12-BIT ADCS IN 8-PIN ヌMAX 2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin MAX 2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
|
Maxim Integrated Produc... ADC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC15941 LTC1594CS LTC1594ISPBF |
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters 4-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 4-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
Linear Technology, Corp.
|
|